Part Number Hot Search : 
V0DS00 C114T AD102 24S10 001TC NJU6053 BPZ5024 68HC705
Product Description
Full Text Search
 

To Download IMF08-04NPPNC0S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet IMF08-04NPPNC0S imf inductive proximity sensors
a b c d e f h i j k l m n o p q r s t IMF08-04NPPNC0S | imf inductive proximity sensors illustration may differ ordering information type part no. IMF08-04NPPNC0S 1076752 other models and accessories www.sick.com/imf detailed technical data features housing cylindrical thread design housing standard thread size m81 diameter ??8?mm sensing range s n 4?mm safe sensing range s a 3.24?mm installation type non-flush switching frequency 4,000?hz connection type male connector m12, 4-pin? 1) switching output pnp output function complementary electrical wiring dc 4-wire enclosure rating ip68? 2) ip69k? 3) special features suitable for use in the food industry, resistant to cleaning agentscapable of co mmunication via io-link 1.0 1) ?with gold plated contact pins. 2) ?according to en?60529. 3) ?according to iso?20653:2013-03. communication interface communication interface io-link v1.0 mode com2 (38,4?kbaud) process data length 2?byte process data structure bit 0?= sr reached bit 1?= sa reached 2 proximity sensors | sick online data sheet | 2018-03-19 18:38:31 subject to change without notice
IMF08-04NPPNC0S | imf inductive proximity sensors mechanics/electronics supply voltage 10?v?dc?... 30?v?dc ripple ?10?% voltage drop ?2?v? 1) current consumption ?10?ma? 2) hysteresis 3?%?... 20?% reproducibility ?2?%? 3) ? 4) temperature drift (of s r ) ?10?% emc according to en?60947-5-2 continuous current i a ?200?ma short-circuit protection ? reverse polarity protection ? power-up pulse protection ? shock and vibration resistance 100?g / 11?ms / 1000?cycles; 150?g / 1?mio cycles; 10?hz?... 55?hz, 1?mm / 55?z?... 500?hz / 15?g ambient operating temperature C40?c?... +100?c housing material stainless steel, v4a (1.4404, aisi 316l) sensing face material plastic, lcp (fda certified) housing length 50?mm thread length 34?mm tightening torque, max. typ.?14?nm ul file no. e181493 1) ?at i a max. 2) ?without load. 3) ?ub and ta constant. 4) ?of sr. reduction factors note the values are reference values which may vary stainless steel (v2a, 304) approx.?0.69 aluminum (al) approx.?0.37 copper (cu) approx.?0.28 brass (br) approx.?0.4 installation note remark associated graphic see "installation" a 8?mm b 18?mm c 8?mm d 12?mm e 8?mm f 32?mm 2018-03-19 18:38:31 | online data sheet subject to change without notice proximity sensors | sick 3
a b c d e f h i j k l m n o p q r s t IMF08-04NPPNC0S | imf inductive proximity sensors classifications ecl@ss 5.0 27270101 ecl@ss 5.1.4 27270101 ecl@ss 6.0 27270101 ecl@ss 6.2 27270101 ecl@ss 7.0 27270101 ecl@ss 8.0 27270101 ecl@ss 8.1 27270101 ecl@ss 9.0 27270101 etim 5.0 ec002714 etim 6.0 ec002714 unspsc 16.0901 39122230 installation note non-flush installation a a c b d e f connection diagram cd-006 bn bk wh + (l+) no nc 14 2 bu - (m) 3 4 proximity sensors | sick online data sheet | 2018-03-19 18:38:31 subject to change without notice
IMF08-04NPPNC0S | imf inductive proximity sensors characteristic curve non-flush installation 0 0 8 (0.31) 4 (0.16) 4 (0.16) 1 (0.04) 3 (0.12) 2 (0.08) 4 (0.16) 8 (0.31) s n in mm (inch) distance in mm (inch) dimensional drawing (dimensions in mm (inch)) imf08, non flush m8x1 4 (0.16) 28 (1.1) 60 (2.36) 8.9 (0.35) recommended accessories other models and accessories www.sick.com/imf brief description type part no. mounting brackets and plates mounting plate for m8 sensors, steel, zinc coated, without mounting hardware bef-wg-m08 5321722 mounting bracket for m8 sensors, steel, zinc coated, without mounting hardware bef-wn-m08 5321721 plug connectors and cables head a: female connector, m12, 4-pin, straight head b: open cable ends cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is ca r- ried out, the material's resistance to the cleaning agent being used must be chec ked. dol-1204-g02mrn 6058291 2018-03-19 18:38:31 | online data sheet subject to change without notice proximity sensors | sick 5
a b c d e f h i j k l m n o p q r s t IMF08-04NPPNC0S | imf inductive proximity sensors brief description type part no. head a: female connector, m12, 4-pin, straight head b: open cable ends cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is ca r- ried out, the material's resistance to the cleaning agent being used must be chec ked. dol-1204-g05mrn 6058476 head a: female connector, m12, 4-pin, angled with led head b: open cable ends cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is ca r- ried out, the material's resistance to the cleaning agent being used must be chec ked. dol-1204-l02mrn 6058482 head a: female connector, m12, 4-pin, angled with led head b: open cable ends cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is ca r- ried out, the material's resistance to the cleaning agent being used must be chec ked. dol-1204-l05mrn 6058483 head a: female connector, m12, 4-pin, angled head b: open cable ends cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is ca r- ried out, the material's resistance to the cleaning agent being used must be chec ked. dol-1204-w02mrn 6058474 head a: female connector, m12, 4-pin, angled head b: open cable ends cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is ca r- ried out, the material's resistance to the cleaning agent being used must be chec ked. dol-1204-w05mrn 6058477 head a: female connector, m12, 4-pin, angled head b: male connector, m12, 4-pin, straight cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is ca r- ried out, the material's resistance to the cleaning agent being used must be chec ked. dsl-1204-b02mrn 6058502 head a: female connector, m12, 4-pin, angled head b: male connector, m12, 4-pin, straight cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is ca r- ried out, the material's resistance to the cleaning agent being used must be chec ked. dsl-1204-b05mrn 6058503 head a: female connector, m12, 4-pin, straight head b: male connector, m12, 4-pin, straight cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is ca r- ried out, the material's resistance to the cleaning agent being used must be chec ked. dsl-1204-g02mrn 6058499 head a: female connector, m12, 4-pin, straight head b: male connector, m12, 4-pin, straight cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is ca r- ried out, the material's resistance to the cleaning agent being used must be chec ked. dsl-1204-g05mrn 6058500 6 proximity sensors | sick online data sheet | 2018-03-19 18:38:31 subject to change without notice
online data sheet sick ag | waldkirch | germany | www.sick.com sick at a glance sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica- tions. a unique range of products and services creates the perfect basis for controlling processes securely and eficiently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require- ments. with intelligent sensors, we can deliver exactly what our customers need. in application cent ers in europe, asia and north america, system solutions are tested and optimized in accordance with custome r speciications. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick lifetime services provide support throughout the ma- chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. worldwide presence: contacts and other locations www.sick.com


▲Up To Search▲   

 
Price & Availability of IMF08-04NPPNC0S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X